Part Number Hot Search : 
BTA1664 LUY12W S8004 CAT93C46 2SB1197 1N5416 ON1064 93022A
Product Description
Full Text Search
 

To Download TP533507 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TP5335 P-Channel Enhancement-Mode Vertical DMOS FET
Features
High input impedance and high gain Low power drive requirement Ease of paralleling Low CISS and fast switching speeds Excellent thermal stability Integral source-drain diode Free from secondary breakdown Complementary N- and P-channel devices
General Description
The Supertex TP5335 is a low threshold enhancementmode (normally-off) transistor utilizing an advanced vertical DMOS structure and Supertex's well-proven silicon-gate manufacturing process. This combination produces a device with the power handling capabilities of bipolar transistors and the high input impedance and positive temperature coefficient inherent in MOS devices. Characteristic of all MOS structures, this device is free from thermal runaway and thermally-induced secondary breakdown. Supertex's vertical DMOS FETs are ideally suited to a wide range of switching and amplifying applications where high breakdown voltage, high input impedance, low input capacitance, and fast switching speeds are desired.
Applications
Logic level interfaces - ideal for TTL and CMOS Solid state relays Analog switches Power management Telecom switches
Ordering Information
BVDSs/ BVDGs -350V RDS(ON)
(max)
Pin Configuration
Package Options TO-236AB TP5335K1 TP5335K1-G
Drain
VGS(TH)
(max)
30
-2.4V
-G indicates package is RoHS compliant (`Green')
Gate
Source
TO-236AB
(Top View)
Absolute Maximum Ratings
Parameter Drain-to-source voltage Drain-to-gate voltage Gate-to-source voltage Operating and storage temperature Soldering temperature* Value BVDSS BVDGS 20V -55OC to +150OC 300OC
Product Marking Information
Product marking for SOT-23: P3S where = 2-week alpha date code Underline indicates Pb-Free ("Green")
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. Continuous operation of the device at the absolute rating level may affect device reliability. All voltages are referenced to device ground. *Distance of 1.6mm from case for 10 seconds.
TP5335
Thermal Characteristics
Package TO-236AB ID (continuous)1 -85mA ID (pulsed) -400mA Power Dissipation @TA = 25OC 0.36W jc (OC/W) 200 ja (OC/W) 350 IDR1 -85mA IDRM -400mA
Notes: 1. ID (continuous) is limited by max rated Tj.
Electrical Characteristics (@25OC unless otherwise specified)
Symbol Parameter Min Typ Max Units Conditions
BVDSS VGS(TH) VGS(TH) IGSS
Drain-to-source breakdown voltage Gate threshold voltage Change in VGS(TH) with temperature Gate body leakage current
-350 -1.0 -
800
-2.4 4.5 -100 -10 -1.0 -5.0 75 30 1.7 110 60 22 20 15 25 25 -1.8 -
V V mV/OC nA A mA nA mA %/ C mmho pF
O
VGS = 0V, ID = -100A VDS = VGS, ID = -1.0mA VDS = VGS, ID = -1.0mA VGS = 20V, VDS = 0V VDS = Max rating, VGS = 0V VDS = 0.8 Max Rating, VGS = 0V, TA = 125OC VGS = 0V, VDS = -330V VGS = -4.5V, VDS = -25V VGS = -10V, VDS = -25V VGS = -4.5V, ID = -150mA VGS = -10V, ID = -200mA VGS = -10V, ID = -200mA VDS = -25V, ID = -200mA VGS = 0V, VDS = -25V, f = 1MHz VDD = -25V, ID = -150mA, RGEN = 25, VGS = 0V, ISD = -200mA VGS = 0V, ISD = -200mA
IDSS
Zero gate voltage drain current
-
ID(ON) RDS(ON) RDS(ON) GFS CISS COSS CRSS td(ON) tr td(OFF) tf VSD trr
ON-State drain current Static drain-to-source ON-state resistance Change in RDS(ON) with temperature Forward transconductance Input capacitance Common source output capacitance Reverse transfer capacitance Turn-ON delay time Rise time Turn-OFF delay time Fall time Diode forward voltage drop Reverse recovery time
-200 -400 125 -
ns
V ns
Notes: 1.All D.C. parameters 100% tested at 25OC unless otherwise stated. (Pulse test: 300s pulse, 2% duty cycle.) 2.All A.C. parameters sample tested.
Switching Waveforms and Test Circuit
0V
10% INPUT
-10V
PULSE GENERATOR
90% t(OFF) tr td(OFF) tF
INPUT
RGEN D.U.T. OUTPUT RL
10%
t(ON)
td(ON)
0V
90% OUTPUT
VDD
90%
10%
VDD
2
TP5335
3-Lead TO-236AB (SOT-23) Package Outline (K1)
0.0173 0.0027 (0.4394 0.0685)
0.0906 0.0079 (2.299 0.199) 1
3 0.0512 0.004 2 (1.3004 0.1016) Measurement Legend = 0.0207 0.003 Dimensions in Inches (Dimensions in Millimeters)
0.0754 0.0053 (1.915 0.135)
(0.5257 0.0762)
Top View
0.115 0.005 (2.920 0.121) 0.0400 0.007 (1.016 0.178) 0.0210 0.003 (0.5334 0.076) 0.0382 0.003 (0.9690 0.0762) 0.0043 0.0009 (0.1092 0.0229) 0.0035 0.0025 (0.0889 0.0635) 0.0197 (0.50)
NOM
Side View
End View
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to http://www.supertex.com/packaging.html.)
Doc.# DSFP-TP5335 A032707
3


▲Up To Search▲   

 
Price & Availability of TP533507

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X